PART |
Description |
Maker |
EFM32WG995F128-BGA120 EFM32WG995F256-BGA120 EFM32W |
Updated specifications based on the results of additional silicon characterization
|
Silicon Laboratories
|
AT89C2051X2 |
AT89C2051x2 Preliminary [Updated 12/02. 21 Pages] AT89C2051x2初步[更新12/0221页]
|
Atmel, Corp.
|
AT90SC9616RC |
AT90SC9616RC Preliminary Summary [Updated 1/03. 4 Pages] This document gives the key features. a brief description and a block diagram. The Complete SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
CAMELIA |
Camelia C1 LV 8M/CL 8M Preliminary [Updated 04/03. 36 Pages] Area Array Color CCD. 3500 x 2300. 12-bit. 2.7 F/s 卡梅利娅C1M/CL分初步[更新04/0336页]面阵彩色CCD3500 x 230012位2.7
|
YEONHO Electronics Co., Ltd.
|
PC7410M16 |
PC7410M16 [Updated 12/02. 35 Pages] PC7410M16 [更新12/0235页]
|
Motorola Mobility Holdings, Inc.
|
TSS463-AA |
TSS463-AA [Updated 3/03. 60 Pages] TSS463 -机管局[更新3日60页]
|
PacTec
|
AT78C1501NBSP AT78C1501 AT78C1501-208TC |
Controller Miscellaneous - Datasheet Reference AT78C1501 [Updated 7/02. 15 Pages] DVD Interface Controller supporting all current DVD and CD writeable and rewriteable standards.
|
Atmel corp
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
ATF1504SEL ATF1508SEL ATF1502SEL ATF1508SEL-15JC84 |
ATF1502/04/08/16SE(L) Preliminary [Updated 9/02. 69 Pages] Second Generation Industry Compatible 5V Logic Doubling CPLDs 32-512 Macrocells. standard & low power w/ISP EE PLD, 15 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 15 ns, PQFP160 28 X 28 MM, PLASTIC, QFP-160 EE PLD, 15 ns, PQFP100 14 X 20 MM, PLASTIC, QFP-100 EE PLD, 10 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160
|
Atmel, Corp. ATMEL CORP
|
AT90SC9636R |
AT90SC9636R Summary [Updated 06/03. 3 Pages] Summary of the AT90SC9636R giving the key features. a brief description and a block diagram. Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 36K Byte EEPROM, programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out
|
Atmel
|
ATR0807 ATR0807-TCQ ATR0807-PEQ |
ATR0807 [Updated 7/03. 8 Pages] 3-channel laser driver with RF oscillator and two outputs 3-channel laser driver with RF oscillator and 2outputs Three channel laser driver with RF oscillator and two outputs.
|
ATMEL Corporation Atmel Corp.
|